Part Number Hot Search : 
CHIMB4PT C245M ULQ2004A FB42N20 TDA750 34286G2 1812L 2SD2481
Product Description
Full Text Search
 

To Download ADF-0711 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  adf-07 series ac/dc power module 7w e-mail:sales@minmax.com.tw tel:886-6-2923150 2011/10/04 rev:15 page 1 of 3 features ? ultra-compact dimensions: 50.8x25.4x19.5 mm(2.0x1.0x.0.8?) ? fully encapsulated module with solder pins for pcb mounting ? universal input 85-264 vac, 47-440 hz ? eco design, compliant to energy star specification and erp directive 2009/125/ec ? protection class ll ? safety approval to cul/ul/iec/en 60950-1 ? over load and over voltage protection ? 3 years product warranty product overview the minmax adf-07 series is a new range of fully encapsulated ac/dc power supply modu les. they are designed for direct pcb moun ting with solder pins. the product features emi-filter to en55022, class b and ems compliance to the en 61000-4 standard. universal input voltag e 85-264vac and international safety approvals qualifies these power modules for applications in products with worldwide markets. the adf-07 series provide a cost effective solution for many spac e critical applications in commercial and industrial electroni c equipment. model selection guide input current output current 115vac, 60hz efficiency (typ.) output voltage max. @max. load max. capacitive load @max. load model number vdc ma ma(typ.) uf % adf-07s03 3.3 1400 96 2200 70 adf-07s05 5 1400 139 2200 73 adf-07s12 12 583 130 1000 78 adf-07s15 15 466 130 1000 78 adf-07s24 24 291 130 680 78 input specifications parameter model min. typ. max. unit input voltage range 85 --- 264 vac input frequency range 47 --- 440 hz input voltage range 120 --- 370 vdc no-load power consumption all models --- --- 0.3 w 115vac --- --- 10 a inrush current (cold start at 25 ) 230vac --- --- 20 a output specifications parameter conditions min. typ. max. unit output voltage accuracy --- 1.0 2.0 % line regulation vin=min. to max. --- 0.5 1.0 % load regulation iout=min. to max. --- 0.5 1.0 % 3.3 & 5.0vdc output models --- 1.5 1.8 %v pp of vo ripple & noise (20mhz) other output models --- 0.8 1.0 %v pp of vo minimum load --- 10 --- %inom. over voltage protec tion zener diode clamp --- 120 --- % of vo temperature coefficient --- 0.01 0.02 %/ overshoot --- --- 5 % vout foldback, auto-recovery current limitation (long term overload condition may cause damage) 105 --- --- %inom. short circuit protection hiccup mode, indefinite (automatic recovery)
adf-07 series ac/dc power module 7w e-mail:sales@minmax.com.tw tel:886-6-2923150 2011/10/04 rev:15 page 2 of 3 general specifications parameter conditions min. typ. max. unit i/o isolation voltage input to output, 60 seconds 3000 --- --- vacrms i/o isolation resistance 500 vdc 100 --- --- m ? switching frequency --- 100 --- khz hold-up time --- 20 --- ms mtbf (calculated) mil-hdbk-217f@25 , ground benign 330,000 --- --- hours emc emission conducted and radiated en 55011, class b, en 55022, class b, fcc part 15, class b standard specification requirement performance criteria en61000-4-2 air 8kv cont. 4kv b en61000-4-3 80~1000mhz, 10v/m 80% am, 1khz modulation a en61000-4-4 ac port 2kv dc, sl, tl 2kv not less than 1 min. b en61000-4-5 1.2/50us(8/20us) ac dif. 1kv dc 0.5kv b 0.15~80mhz, 10vrms (functional earth ports included) en61000-4-6 80% am, 1khz modulation b en61000-4-8 50hz/60hz, 30a/m a 30%, 10ms b emc immunity according en61000-6-1 en61000-4-11 60%, 100ms, 95%, 5000ms c protection class ii according iec/en 60536 safety approvals cul/ul 60950-1,iec/en 60950-1 input fuse all models external fuse (recommended) 1.5a slow ? blow type environmental specifications parameter conditions temperature r ange (operational) ambient -25 +70 power derating +50 to +70 0.263w / storage temperature range -40 +85 over temperature protection at 90 (automatic recovery at 67 ) cooling free-air convection humidity (non condensing) --- 95 % rel. h notes 1 all specifications typical at ta=+25 , resistive load, 115vac, 60hz input voltage and after warm -up time rated output curr ent unless otherwise noted. 2 ripple & noise measurement bandwidth is 0~20 mhz 3 these power modules require a minimum out put loading to maintain specified regulat ion, operation under no-load conditions wil l not damage the power supplies however they may not meet all listed specifications. 4 all ac/dc modules should be externally fused at the front end for protection. 5 other input and output voltage may be av ailable, please contact factory. 6 specifications subject to change without notice
adf-07 series ac/dc power module 7w minmax technology co., ltd. 18, sin sin road, an-ping industr ial district, tainan 702, taiwan tel: 886-6-2923150 fax: 886-6-2923149 e-mail: sales@minmax.com.tw 2011/10/04 rev:15 page 3 of 3 7 package specifications mechanical dimensions pin connections pin function 1 ac(n) ? ac neutral 2 ac(l) ? ac line 3 +vout 4 -vout ? all dimensions in mm (inches) ? tolerance: 0.5 (0.02) ? pin diameter ? 1.0 0.1 (0.040.004) physical characteristics case size : 50.8x25.4x19.5mm (2.00x1.00x0.77 inches) case material : plastic resin + fibergl ass (flammability to ul 94v-0 rated) weight : 44g [0.40] 43 10.16 1 2 45.72 [1.80] 50.8 [2.00] 20.32 [0.80] 25.4 [1.00] 1.00 [ 0.04] 5.0 [0.20] 19.5 [0.77] 0.7 [0.03] 6.0 [0.24] bottom view


▲Up To Search▲   

 
Price & Availability of ADF-0711

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X